Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 860 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 860 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 856Page - Renesas Technology Corp SH7721 Datasheet HTML 857Page - Renesas Technology Corp SH7721 Datasheet HTML 858Page - Renesas Technology Corp SH7721 Datasheet HTML 859Page - Renesas Technology Corp SH7721 Datasheet HTML 860Page - Renesas Technology Corp SH7721 Datasheet HTML 861Page - Renesas Technology Corp SH7721 Datasheet HTML 862Page - Renesas Technology Corp SH7721 Datasheet HTML 863Page - Renesas Technology Corp SH7721 Datasheet HTML 864Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 860 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 798 of 1458
REJ09B0033-0300
24.4
Data Storage Format which Required by USB Host Controller
24.4.1
Storage Format of the Transferred Data
USB Host Controller expects that data is compiled from lower address to upper address regardless
endian setting of the CPU. Below figure shows data read operation, which is done by USB Host
Controller.
Program
Memory (Area 3)
USB host
DATA.L
H'11223344
DATA.L
H'55667788
DATA.L
H'00000099
LW read H'11223344
LW read H'55667788
LW read H'00000099
+3
11
+7
55
+11
00
+2
22
+6
66
+10
00
+1
33
+5
77
+9
00
+0
44
+4
88
8
99
The correspondence between data in memory and data read by USB Host Controller must be
equal. When USB Host Controller reads data from external memory, USB Host Controller reads
data by long word read operation every time regardless of endian. USB Host Controller uses data
in byte from lower address in long word which it reads regardless the endian mode. Even endian
mode is set as big or little, set the data from down addresses.
Below program flow is the example of failure.
• In program, set transfer address A to register R0 at big endian
In program, "MOV.B #H'12,@R0"
• In program, set transfer start address A to USB Host Controller, and set 1byte as transfer size.
Memory
Data expected to be transferred
Actually transferred data
LW read H'12000000
+3
12
+2
00
+1
00
+0
00
This example shows above operation transfers expected data #H'12.
Data is filled from the lower bits of the memory in writing so that the data is read/written in bi-
direction consistently regardless of the endian type. That is, the data is always aligned with the
little endian specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com