Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 855 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 855 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 851Page - Renesas Technology Corp SH7721 Datasheet HTML 852Page - Renesas Technology Corp SH7721 Datasheet HTML 853Page - Renesas Technology Corp SH7721 Datasheet HTML 854Page - Renesas Technology Corp SH7721 Datasheet HTML 855Page - Renesas Technology Corp SH7721 Datasheet HTML 856Page - Renesas Technology Corp SH7721 Datasheet HTML 857Page - Renesas Technology Corp SH7721 Datasheet HTML 858Page - Renesas Technology Corp SH7721 Datasheet HTML 859Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 855 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 793 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
17
PESC
0
R/W
Port Enable Status Change
This bit is set when the PES bit is cleared due to a
hardware event. This bit is not set by the change of writing
of HCD. Writing a 1 clears this bit. Writing a 0 has no
effect.
0: PortEnableStatus not changed
1: PortEnableStatus changed
16
CSC
0
R/W
Connect Status Change
This bit is set whenever the connection or disconnection
event occurs. Writing a 1 clears this bit. Writing a 0 has no
effect. If the CCS bit is cleared when SetPortReset,
SetPortEnable, or SetPortSuspend is written to, writing
when the power supply of the port is disconnected does
not occur, so this bit is set to enforce the driver to re-
evaluate the connection status.
0: CurrentConnectionStatus not changed
1: CurrentConnectionStatus changed
Note:
If the DR bit in USBHRDB is set, this bit is set only
after the root hub reset to inform that the system
that a device can be attached.
15 to 10
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com