Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 851 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 851 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 847Page - Renesas Technology Corp SH7721 Datasheet HTML 848Page - Renesas Technology Corp SH7721 Datasheet HTML 849Page - Renesas Technology Corp SH7721 Datasheet HTML 850Page - Renesas Technology Corp SH7721 Datasheet HTML 851Page - Renesas Technology Corp SH7721 Datasheet HTML 852Page - Renesas Technology Corp SH7721 Datasheet HTML 853Page - Renesas Technology Corp SH7721 Datasheet HTML 854Page - Renesas Technology Corp SH7721 Datasheet HTML 855Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 851 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 789 of 1458
REJ09B0033-0300
24.3.20
Hc Rh Descriptor B Register (USBHRDB)
USBHRDB is the second register of two registers describing the features of the root hub. These
bits are written during the initial setting so as to correspond to the system implementation. The
reset value is implementation specific.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 16 PPCM15 to
PPCM0
All 0
R/W
Port Power Control Mask
This bit indicates that the port is influenced by the global
power-control command when the PSM bit in the
USBHRDA register is set. When this bit is set, the power
state of the port is affected by the power control at each
port (set/clear port power). When this bit is cleared, the
port is controlled by the global power switch (set/clear
global power). If the device is placed in the global
switching mode (PSM = 0), this bit is not valid.
Bit 31: Port#15 power mask
:
Bit 18: Port#2 power mask
Bit 17: Port#1 power mask
Bit 16: Reserved
Note:
Clear the NPS of the USBHRDA register so that
the power to all ports is OFF (Port Power Status =
0), then set this bit.
15 to 0
DR15 to
DR0
All 0
R/W
Device Removable
These bits are dedicated to the ports of the root hub.
When these bits are cleared, the set device becomes
removable. When these bits are set, do not remove the set
device.
Bit 15: Device affixed to Port#15
:
Bit 2: Device affixed to Port#2
Bit 1: Device affixed to Port#1
Bit 0: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com