Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 847 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 847 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 843Page - Renesas Technology Corp SH7721 Datasheet HTML 844Page - Renesas Technology Corp SH7721 Datasheet HTML 845Page - Renesas Technology Corp SH7721 Datasheet HTML 846Page - Renesas Technology Corp SH7721 Datasheet HTML 847Page - Renesas Technology Corp SH7721 Datasheet HTML 848Page - Renesas Technology Corp SH7721 Datasheet HTML 849Page - Renesas Technology Corp SH7721 Datasheet HTML 850Page - Renesas Technology Corp SH7721 Datasheet HTML 851Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 847 / 1524 page
background image
Section 24
USB Host Controller (USBH)
Rev. 3.00 Jan. 18, 2008 Page 785 of 1458
REJ09B0033-0300
24.3.17
Hc Periodic Start Register (USBHPS)
USBHPS has a 14-bit programmable value, which determines the earliest time when the host
controller should start to process the periodic list.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 14
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
13 to 0
PS13 to PS0 All 0
R/W
Periodic Start
This field is cleared after the hardware has reset. Then
this field is set by HCD while the host controller performs
initial settings. The value is roughly calculated as the value
of the USBHFI minus 10%. When USBHFR reaches the
specified value, the processing of the periodic list has a
higher priority than the control/bulk processing.
Consequently, the host controller starts to process the
interrupt list after the completion of the current control/bulk
transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com