Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 964 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 964 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 960Page - Renesas Technology Corp SH7721 Datasheet HTML 961Page - Renesas Technology Corp SH7721 Datasheet HTML 962Page - Renesas Technology Corp SH7721 Datasheet HTML 963Page - Renesas Technology Corp SH7721 Datasheet HTML 964Page - Renesas Technology Corp SH7721 Datasheet HTML 965Page - Renesas Technology Corp SH7721 Datasheet HTML 966Page - Renesas Technology Corp SH7721 Datasheet HTML 967Page - Renesas Technology Corp SH7721 Datasheet HTML 968Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 964 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 902 of 1458
REJ09B0033-0300
Table 26.4
Limits on the Resolution of Rotated Displays, Burst Length, and Connected
Memory (16-bit SDRAM)
Image for Display in
Memory
(X-Resolution
× Y-
Resolution)
LCD Module
(X-Resolution
×
Y-Resolution)
Number of Colors for
Display
Number of
Column
Address Bits of
SDRAM
Burst Length of
LCDC (LDSMR*)
240 × 320
320 × 240
8 bits
Not more than 4 bursts
9 bits
Not more than 8 bursts
4 bpp
(packed)
10 bits
Not more than 16
bursts
8 bits
Unusable
9 bits
4 bursts
Monochrome
4 bpp
(unpacked)
10 bits
Not more than 8 bursts
8 bits
Unusable
9 bits
4 bursts
6 bpp
10 bits
Not more than 8 bursts
8 bits
Unusable
9 bits
4 bursts
8 bpp
10 bits
Not more than 8 bursts
8 bits
Unusable
9 bits
Unusable
Color
16 bpp
10 bits
4 bursts
234 × 320
320 × 234
8 bits
Unusable
9 bits
4 bursts
Monochrome
6 bpp
10 bits
Not more than 8 bursts
8 bits
Unusable
Color
16 bpp
9 bits
Unusable
10 bits
4 bursts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com