Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 960 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 960 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 956Page - Renesas Technology Corp SH7721 Datasheet HTML 957Page - Renesas Technology Corp SH7721 Datasheet HTML 958Page - Renesas Technology Corp SH7721 Datasheet HTML 959Page - Renesas Technology Corp SH7721 Datasheet HTML 960Page - Renesas Technology Corp SH7721 Datasheet HTML 961Page - Renesas Technology Corp SH7721 Datasheet HTML 962Page - Renesas Technology Corp SH7721 Datasheet HTML 963Page - Renesas Technology Corp SH7721 Datasheet HTML 964Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 960 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 898 of 1458
REJ09B0033-0300
Figure 26.2 shows the valid display and the retrace period.
H AddressableVideo
Vsync Time
Top Border
V Addressable
Video
Bottom Border
Front Porch
H Total Time
Back Porch
Hsync Signal
Active Video =Top/Left Border + Addressable Video + Bottom/Right Border
Total H Blank = Hsync Time + Back Porch + Front Porch
Total V Blank = Vsync Time + Back Porch + Front Porch
HTCN = H Total Time
HDCN = H Addressable Video
HSYNP = H Addressable Video + Right Border + Front Porch
HSYNW = Hsync Time
VTLN = V Total Time
CDLN = V Addressable Video
VSYNP = V Addressable Video + Bottom Border + Front porch
VSYNW = Vsync Time
Figure 26.2
Valid Display and the Retrace Period
26.4.2
Limits on the Resolution of Rotated Displays, Burst Length, and Connected
Memory (SDRAM)
This LCDC is capable of displaying a landscape-format image on a LCD module by rotating a
portrait format image for display by 90 degrees. Only the numbers of colors for each resolution are
supported as shown in tables 26.3 and 26.4. The size of the SDRAM (the number of column
address bits) and its burst length are limited to read the SDRAM continuously.
The number of colors for display, SDRAM column addresses, and LCDC burst length are shown
table 26.3 and 26.4.
A monochromatic LCD module is necessary for the display of images in the above
monochromatic formats. A color LCD module is necessary for the display of images in the above
color formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com