Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 956 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 956 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 952Page - Renesas Technology Corp SH7721 Datasheet HTML 953Page - Renesas Technology Corp SH7721 Datasheet HTML 954Page - Renesas Technology Corp SH7721 Datasheet HTML 955Page - Renesas Technology Corp SH7721 Datasheet HTML 956Page - Renesas Technology Corp SH7721 Datasheet HTML 957Page - Renesas Technology Corp SH7721 Datasheet HTML 958Page - Renesas Technology Corp SH7721 Datasheet HTML 959Page - Renesas Technology Corp SH7721 Datasheet HTML 960Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 956 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 894 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
7 to 1
All 0
R
Reserved.
These bits are always read as 0. The write value
should always be 0.
0
UINTS
0
R/W
User Specified Interrupt State
This bit is set to 1 at the time an LCDC user
specified interrupt is generated (set state). During
the user specified interrupt handling routine, this
bit should be cleared by writing 0 to it.
0: LCDC did not generate a user specified
interrupt or has been informed that the
generated user specified interrupt has
completed
1: LCDC has generated a user specified interrupt
and has not yet been notified that the
generated user specified interrupt has
completed
Note:
Interrupt processing flow:
1. Interrupt signal is input
2. LDINTR is read
3. If MINTS, FINTS, VSINTS, or VEINTS is 1, a generated interrupt is memory access
interrupt, flame end interrupt, Vsync rising edge interrupt, or Vsync falling edge
interrupt. Processing for each interrupt is performed.
4. If MINTS, FINTS, VSINTS, or VEINTS is 0, a generated interrupt is not memory access
interrupt, flame end interrupt, Vsync rising edge interrupt, or Vsync falling edge
interrupt.
5. UINTS is read.
6. If UINTS is 1, a generated interrupt is a user specified interrupt. Process for user
specified interrupt is carried out.
7. If UINTS is 0, a generated interrupt is not a user specified interrupt. Other processing is
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com