Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 954 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 954 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 950Page - Renesas Technology Corp SH7721 Datasheet HTML 951Page - Renesas Technology Corp SH7721 Datasheet HTML 952Page - Renesas Technology Corp SH7721 Datasheet HTML 953Page - Renesas Technology Corp SH7721 Datasheet HTML 954Page - Renesas Technology Corp SH7721 Datasheet HTML 955Page - Renesas Technology Corp SH7721 Datasheet HTML 956Page - Renesas Technology Corp SH7721 Datasheet HTML 957Page - Renesas Technology Corp SH7721 Datasheet HTML 958Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 954 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 892 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
3
2
1
0
OFFF3
OFFF2
OFFF1
OFFF0
1
1
1
1
R/W
R/W
R/W
R/W
LCDC Power-Off Sequence Period
Set the period from stopping output of the display
data (LCD_DATA) and timing signals (LCD_FLM,
LCD_CL1, LCD_CL2, and LCD_M_DISP) to
LCD_VCPWC negation to in the power-off
sequence of the LCD module in frame units.
Specify to the value of (the period)-1.
This period is the (f) period in figures 26.4 to 26.7,
Power-Supply Control Sequence and States of the
LCD Module.
26.3.19
LCDC Control Register (LDCNTR)
LDCNTR specifies start and stop of display by the LCDC.
When 1s are written to the DON2 bit and the DON bit, the LCDC starts display. Turn on the LCD
module following the sequence set in the LDPMMR and LDCNTR. The sequence ends when the
LPS[1:0] value changes from B'00 to B'11. Do not make any action to the DON bit until the
sequence ends.
When 0 is written to the DON bit, the LCDC stops display. Turn off the LCD module following
the sequence set in the LDPMMR and LDCNTR. The sequence ends when the LPS[1:0] value
changes from B'11 to B'00. Do not make any action to the DON bit until the sequence ends.
Bit
Bit Name
Initial Value
R/W
Description
15 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
DON2
0
R/W
Display On 2
Specifies the start of the LCDC display operation.
0: LCDC is being operated or stopped
1: LCDC starts operation
When this bit is read, always read as 0. Write 1 to
this bit only when starting display. If a value other
than 0 is written when starting display, the
operation is not guaranteed. When 1 is written to,
it resumes automatically to 0. Accordingly, this bit
does not need to be cleared by writing 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com