Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 957 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 957 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 953Page - Renesas Technology Corp SH7721 Datasheet HTML 954Page - Renesas Technology Corp SH7721 Datasheet HTML 955Page - Renesas Technology Corp SH7721 Datasheet HTML 956Page - Renesas Technology Corp SH7721 Datasheet HTML 957Page - Renesas Technology Corp SH7721 Datasheet HTML 958Page - Renesas Technology Corp SH7721 Datasheet HTML 959Page - Renesas Technology Corp SH7721 Datasheet HTML 960Page - Renesas Technology Corp SH7721 Datasheet HTML 961Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 957 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 895 of 1458
REJ09B0033-0300
26.3.21
LCDC User Specified Interrupt Line Number Register (LDUINTLNR)
LDUINTLNR sets the point where the user specified interrupt is generated. Setting is done in
horizontal line units.
Bit
Bit Name
Initial Value
R/W
Description
15 to 11
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
10
UINTLN10
0
R/W
9
UINTLN9
0
R/W
8
UINTLN8
0
R/W
7
UINTLN7
0
R/W
6
UINTLN6
1
R/W
5
UINTLN5
0
R/W
4
UINTLN4
0
R/W
3
UINTLN3
1
R/W
2
UINTLN2
1
R/W
1
UINTLN1
1
R/W
0
UINTLN0
1
R/W
User Specified Interrupt Generation Line Number
Specifies the line in which the user specified
interrupt is generated (line units).
Set (the number of lines in which interrupts are
generated)
−1
Example: Generate the user specified interrupt in
the 80th line.
UINTLN = 160/2
− 1 = 79 = H'04F
Notes: 1. When using the LCD module with STN/TFT display, the setting value of this register
should be equal to lower than the vertical display line number (VDLN) in LDVDLNR.
2. When using the LCD module with DSTN display, the setting value of this register should
be equal to or lower than half the vertical display line number (VDLN) in LDVDLNR. The
user specified interrupt is generated at the point when the LCDC read the specified
piece of image data in lower display from VRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com