Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 967 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 967 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 963Page - Renesas Technology Corp SH7721 Datasheet HTML 964Page - Renesas Technology Corp SH7721 Datasheet HTML 965Page - Renesas Technology Corp SH7721 Datasheet HTML 966Page - Renesas Technology Corp SH7721 Datasheet HTML 967Page - Renesas Technology Corp SH7721 Datasheet HTML 968Page - Renesas Technology Corp SH7721 Datasheet HTML 969Page - Renesas Technology Corp SH7721 Datasheet HTML 970Page - Renesas Technology Corp SH7721 Datasheet HTML 971Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 967 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 905 of 1458
REJ09B0033-0300
26.4.3
Color Palette Specification
(1)
Color Palette Register
This LCDC has a color palette which outputs 24 bits of data per entry and is able to
simultaneously hold 256 entries. The color palette thus allows the simultaneous display of 256
colors chosen from among 16-M colors.
The procedure below may be used to set up color palettes at any time.
1. The PALEN bit in the LDPALCR is 0 (initial value); normal display operation
2. Access LDPALCR and set the PALEN bit to 1; enter color-palette setting mode after three
cycles of peripheral clock.
3. Access LDPALCR and confirm that the PALS bit is 1.
4. Access LDPR00 to LDPRFF and write the required values to the PALD00 to PALDFF bits.
5. Access LDPALCR and clear the PALEN bit to 0; return to normal display mode after a cycle
of peripheral clock.
A 0 is output on the LCDC display data output (LCD_DATA) while the PALS bit in LDPALCR is
set to 1.
0
7
15
23
31
Color
Monochrome
B0
B1
B2
B3
B4
B5
B6
B7
G0
G1
G2
G3
G4
G5
G6
G7
R0
R1
R2
R3
R4
R5
R6
R7
M0
M1
M2
M3
M4
M5
M6
M7
Figure 26.3
Color-Palette Data Format
PALDnn color and gradation data should be set as above.
For a color display, PALDnn[23:16], PALDnn[15:8], and PALDnn[7:0] respectively hold the R,
G, and B data. Although the bits PALDnn[18:16], PALDnn[9:8], and PALDnn[2:0] exist, no
memory is associated with these bits. PALDnn[18:16], PALDnn[9:8], and PALDnn[2:0] are thus
not available for storing palette data. The numbers of valid bits are thus R: 5, G: 6, and B: 5. A 24-
bit (R: 8 bits, G: 8 bits, and B: 8 bits) data should, however, be written to the palette-data registers.
When the values for PALDnn[23:19], PALDnn[15:10], or PALDnn[7:3] are not 0, 1 or 0 should
be written to PALDnn[18:16], PALDnn[9:8], or PALDnn[2:0], respectively. When the values of
PALDnn[23:19], PALDnn[15:10], or PALDnn[7:3] are 0, 0s should be written to
PALDnn[18:16], PALDnn[9:8], or PALDnn[2:0], respectively. Then 24 bits are extended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com