Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1004 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1004 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1000Page - Renesas Technology Corp SH7721 Datasheet HTML 1001Page - Renesas Technology Corp SH7721 Datasheet HTML 1002Page - Renesas Technology Corp SH7721 Datasheet HTML 1003Page - Renesas Technology Corp SH7721 Datasheet HTML 1004Page - Renesas Technology Corp SH7721 Datasheet HTML 1005Page - Renesas Technology Corp SH7721 Datasheet HTML 1006Page - Renesas Technology Corp SH7721 Datasheet HTML 1007Page - Renesas Technology Corp SH7721 Datasheet HTML 1008Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1004 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 942 of 1458
REJ09B0033-0300
27.4.4
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input at a time t
D after the ADST bit is set to 1, then starts conversion. Figure 27.5 shows the A/D
conversion timing. Table 27.3 indicates the A/D conversion time.
As indicated in figure 27.5, the A/D conversion time includes t
D and the input sampling time. The
length of t
D varies depending on the timing of the write access to ADCSR. The total conversion
time therefore varies within the ranges indicated in table 27.3.
In multi mode and scan mode, the values given in table 27.3 apply to the first conversion. In the
second and subsequent conversions the conversion the conversion time is fixed at 512 states
(fixed) when CKS1 = 1 and CKS0 = 0, 256 states (fixed) when CKS1 = 0 and CKS0 = 1, and 128
states (fixed) when CKS1 = 0 and CKS0 = 0.
P
φ
Write
signal
ADF
*1
Input sampling
timing
tD
A/D conversion start delay
tSPL
Input sampling time
tCONV
A/D conversion time
Notes:
1. ADCSR write cycle
2. ADCSR address
Address
*2
tD
tSPL
tCONV
Figure 27.5
A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com