Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1000 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1000 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 996Page - Renesas Technology Corp SH7721 Datasheet HTML 997Page - Renesas Technology Corp SH7721 Datasheet HTML 998Page - Renesas Technology Corp SH7721 Datasheet HTML 999Page - Renesas Technology Corp SH7721 Datasheet HTML 1000Page - Renesas Technology Corp SH7721 Datasheet HTML 1001Page - Renesas Technology Corp SH7721 Datasheet HTML 1002Page - Renesas Technology Corp SH7721 Datasheet HTML 1003Page - Renesas Technology Corp SH7721 Datasheet HTML 1004Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1000 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 938 of 1458
REJ09B0033-0300
27.4.2
Multi Mode
Multi mode should be selected when performing A/D conversions on one or more channels. When
the ADST bit in the A/D conversion control/status register (ADCSR) is set to 1 by software, A/D
conversion starts on the first channel (AN0). When two or more channels are selected, after
conversion of the first channel ends, conversion of the second channel (AN1) starts immediately.
When A/D conversions end on the selected channels, the ADST bit is cleared to 0. The conversion
results are transferred for storage into the A/D data registers corresponding to the channels.
When the mode or analog input channel selection must be changed during A/D conversion, to
prevent incorrect operation, first clear the ADST bit to 0 to halt A/D conversion. After making the
necessary changes, set the ADST bit to 1. A/D conversion will start again from the first channel in
the group. The ADST bit can be set at the same time as the mode or channel selection is changed.
Typical operations when three channels (AN0 to AN2) are selected in scan mode are described
next. Figure 27.3 shows a timing diagram for this example.
1. Start the clock supply to the ADC module (clear the MSTP33 bit in STBCR3 to 0) to run the
ADC module.
2. Multi mode is selected (MULTI = 1), analog input channels AN0 to AN2 are selected (CH1 =
1, CH0 = 0), and A/D conversion is started (ADST = 1).
3. When A/D conversion of the first channel (AN0) is completed, the result is transferred into
ADDRA.
4. Next, conversion of the second channel (AN1) starts automatically.
5. Conversion proceeds in the same way through the third channel (AN2).
6. When conversion of all selected channels (AN0 to AN2) is completed, the ADF flag is set to 1
and ADST bit is cleared to 0. If the ADIE bit is set to 1, an ADI interrupt is requested at this
time.
7. Stop the clock supply to the ADC module (set the MSTP33 bit in STBCR3 to 1) to place the
ADC in the module standby state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com