Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 997 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 997 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 993Page - Renesas Technology Corp SH7721 Datasheet HTML 994Page - Renesas Technology Corp SH7721 Datasheet HTML 995Page - Renesas Technology Corp SH7721 Datasheet HTML 996Page - Renesas Technology Corp SH7721 Datasheet HTML 997Page - Renesas Technology Corp SH7721 Datasheet HTML 998Page - Renesas Technology Corp SH7721 Datasheet HTML 999Page - Renesas Technology Corp SH7721 Datasheet HTML 1000Page - Renesas Technology Corp SH7721 Datasheet HTML 1001Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 997 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 935 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
7
6
CKS1
CKS0
0
1
R/W
R/W
Clock Select
Selects the A/D conversion time. Clear the ADST bit
to 0 before changing the conversion time.
00: Conversion time = 151 states (maximum)
01: Conversion time = 285 states (maximum)
10: Conversion time = 545 states (maximum)
11: Reserved (setting prohibited)
When P
φ ≥ 16.5 MHz, do not set CKS1 and CKS0 to
00. If set, a sufficient conversion time is not assured,
causing inaccurate conversion or abnormal operation.
5
4
MULTI1
MULTI0
0
0
R/W
R/W
Selects single mode, multi mode, or scan mode.
00: Single mode
01: Reserved (setting prohibited)
10: Multi mode
11: Scan mode
3
0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
1
0
CH2
CH1
CH0
0
0
0
R/W
R/W
R/W
Channel Select 2 to 0 (CH2 to CH0)
These bits and the MULTI bit select the analog input
channels. Clear the ADST bit to 0 before changing
the channel selection.
Single mode
Multi mode or scan mode
000: AN0
AN0
001: AN1
AN0, AN1
010: AN2
AN0 to AN2
011: AN3
AN0 to AN3
100: Reserved (setting prohibited)
101: Reserved (setting prohibited)
110: Reserved (setting prohibited)
111: Reserved (setting prohibited)
Note:
*
Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com