Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 996 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 996 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 992Page - Renesas Technology Corp SH7721 Datasheet HTML 993Page - Renesas Technology Corp SH7721 Datasheet HTML 994Page - Renesas Technology Corp SH7721 Datasheet HTML 995Page - Renesas Technology Corp SH7721 Datasheet HTML 996Page - Renesas Technology Corp SH7721 Datasheet HTML 997Page - Renesas Technology Corp SH7721 Datasheet HTML 998Page - Renesas Technology Corp SH7721 Datasheet HTML 999Page - Renesas Technology Corp SH7721 Datasheet HTML 1000Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 996 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 934 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
13
ADST
0
R/W
A/D Start
Starts or stops A/D conversion. The ADST bit
remains set to 1 during A/D conversion.
0: A/D conversion is stopped
1: Single mode: A/D conversion starts; ADST is
automatically cleared to 0 when conversion ends
on all selected channels
Multi mode: A/D conversion starts; when
conversion is completed cycling through the
selected channels, ADST is automatically cleared
to 0
Scan mode: A/D conversion starts and continues;
A/D conversion is continuously performed until
ADST is cleared to 0 by software, by a reset, or by
a transition to standby mode
12
DMASL
0
R/W
DMAC Select
Selects an interrupt due to the end of A/D conversion
or activation of the DMAC. Set the DMASL bit while
A/D conversion is not being made.
0: An interrupt by the end of A/D conversion is
selected
1: Activation of the DMAC by the end of A/D
conversion is selected
Always read as 0 when each register of A/D is read
through CPU.
11
10
0
0
R
R
Trigger Enable
Enables or disables A/D conversion by external
trigger input.
00: Disables A/D conversion by external trigger input
01: Reserved (setting prohibited)
10: Reserved (setting prohibited)
11: A/D conversion is started at the rising edge of A/D
conversion trigger pin (
ADTRG)
9
8
0
0
R
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com