Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 995 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 995 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 991Page - Renesas Technology Corp SH7721 Datasheet HTML 992Page - Renesas Technology Corp SH7721 Datasheet HTML 993Page - Renesas Technology Corp SH7721 Datasheet HTML 994Page - Renesas Technology Corp SH7721 Datasheet HTML 995Page - Renesas Technology Corp SH7721 Datasheet HTML 996Page - Renesas Technology Corp SH7721 Datasheet HTML 997Page - Renesas Technology Corp SH7721 Datasheet HTML 998Page - Renesas Technology Corp SH7721 Datasheet HTML 999Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 995 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 933 of 1458
REJ09B0033-0300
27.3.2
A/D Control/Status Registers (ADCSR)
ADCSR is a 16-bit readable/writable register that selects the mode and controls the A/D converter.
ADCSR is initialized to H'0000 by a reset and the module standby function and in standby mode.
Bit
Bit Name
Initial Value
R/W
Description
15
ADF
0
R/(W)*
A/D End Flag
Indicates the end of A/D conversion.
[Clearing conditions]
(1) Cleared by reading ADF while ADF = 1, then
writing 0 to ADF
(2) Cleared when DMAC is activated by ADI interrupt
and ADDR is read
[Setting conditions]
Single mode: A/D conversion ends
Multi mode: A/D conversion ends cycling through the
selected channels
Scan mode: A/D conversion ends cycling through the
selected channels
Note: Clear this bit by writing 0.
14
ADIE
0
R/W
A/D Interrupt Enable
Enables or disables the interrupt (ADI) requested at
the end of A/D conversion. Set the ADIE bit while A/D
conversion is not being made.
0: A/D end interrupt request (ADI) is disabled
1: A/D end interrupt request (ADI) is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com