Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 991 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 991 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 987Page - Renesas Technology Corp SH7721 Datasheet HTML 988Page - Renesas Technology Corp SH7721 Datasheet HTML 989Page - Renesas Technology Corp SH7721 Datasheet HTML 990Page - Renesas Technology Corp SH7721 Datasheet HTML 991Page - Renesas Technology Corp SH7721 Datasheet HTML 992Page - Renesas Technology Corp SH7721 Datasheet HTML 993Page - Renesas Technology Corp SH7721 Datasheet HTML 994Page - Renesas Technology Corp SH7721 Datasheet HTML 995Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 991 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 929 of 1458
REJ09B0033-0300
Section 27
A/D Converter
This LSI includes a 10-bit successive-approximation A/D converter allowing selection of up to
four analog input channels.
27.1
Features
A/D converter features are listed below.
• 10-bit resolution
• Four input channels
• High-speed conversion
 Minimum conversion time: 15 µs per channel
• Three conversion modes
 Single mode: A/D conversion on one channel
 Multi mode: A/D conversion on one to four channels
 Scan mode: Continuous A/D conversion on one to four channels
• Four 16-bit data registers
 A/D conversion results are transferred for storage into 16-bit data registers corresponding
to the channels.
• Sample-and-hold function
• A/D interrupt requested at the end of conversion
 At the end of A/D conversion, an A/D end interrupt (ADI) can be requested.
• A/D conversion can be externally triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com