Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1047 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1047 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1043Page - Renesas Technology Corp SH7721 Datasheet HTML 1044Page - Renesas Technology Corp SH7721 Datasheet HTML 1045Page - Renesas Technology Corp SH7721 Datasheet HTML 1046Page - Renesas Technology Corp SH7721 Datasheet HTML 1047Page - Renesas Technology Corp SH7721 Datasheet HTML 1048Page - Renesas Technology Corp SH7721 Datasheet HTML 1049Page - Renesas Technology Corp SH7721 Datasheet HTML 1050Page - Renesas Technology Corp SH7721 Datasheet HTML 1051Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1047 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 985 of 1458
REJ09B0033-0300
29.5
Usage Notes
(1)
External Bus Frequency Limit when Using PC Card
According to the PC card standard, the attribute memory access time is specified as 600 ns (3.3
V)/300 ns (5 V). Therefore, when this LSI accesses attribute memory, the bus cycle must be
coordinated with the PC card interface timing. In this LSI, the timing can be adjusted by setting
the TED, TEH, and PCW values in the CS6BWCR register, allowing a PC card to be used within
the above frequency ranges.
The common memory access time and I/O access time (based on the
(IORD) and (IOWR) signals)
are also similarly specified (see table below), and a PC card must be used within the above ranges
in order to satisfy all these specifications.
PC Card Space
Access Time (5 V Operation)
Access Time (3.3 V Operation)
Attribute memory
300 ns
600 ns
Common memory
250 ns
600 ns
I/O space (pulse width of
IORD and IOWR)
165 ns
165 ns
(2)
Pin Function Control and Card Type Switching
When setting pin function controller pin functions to dedicated PC card use ("other function"), the
disabled state should first be set in the card status change interrupt enable register
(PCC0CSCIER). Also, the card status change register (PCC0CSCR) must be cleared after the
setting has been made. However, this restriction does not apply to the card detection pins (
CD1
and
CD2).
When changing the card type bit (P0PCCT) in the area 6 general control register (PCC0GCR), the
disabled state should first be set in the card status change interrupt enable register
(PCC0CSCIER). Also, the card status change register (PCC0CSCR) must be cleared after the
setting has been made.
Reason: When PC card controller settings are modified, the functions of PC card pins that
generate various interrupts change, with the result that unnecessary interrupts may be
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com