Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1051 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1051 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1047Page - Renesas Technology Corp SH7721 Datasheet HTML 1048Page - Renesas Technology Corp SH7721 Datasheet HTML 1049Page - Renesas Technology Corp SH7721 Datasheet HTML 1050Page - Renesas Technology Corp SH7721 Datasheet HTML 1051Page - Renesas Technology Corp SH7721 Datasheet HTML 1052Page - Renesas Technology Corp SH7721 Datasheet HTML 1053Page - Renesas Technology Corp SH7721 Datasheet HTML 1054Page - Renesas Technology Corp SH7721 Datasheet HTML 1055Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1051 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 989 of 1458
REJ09B0033-0300
30.2
Input/Output Pins
The pin configuration of the smart card interface is shown in table 30.1.
Table 30.1
Pin Configuration
Name
Abbreviation
I/O
Function
SIM data
SIM_D*
I/O
Transmit/receive data input/output
SIM clock
SIM_CLK
Output
Clock output
SIM reset
SIM_RST
Output
Smart card reset output
Note:
*
In explaining transmit and receive operations, the transmit data and receive data sides
shall be referred to as TxD and RxD, respectively.
30.3
Register Descriptions
The SIM card module has the following registers. Refer to section 37, List of Registers, for more
details on the addresses and states of these registers in each operating mode.
• Serial mode register (SCSMR)
• Bit rate register (SCBRR)
• Serial control register (SCSCR)
• Transmit shift register (SCTSR)
• Transmit data register (SCTDR)
• Serial status register (SCSSR)
• Receive shift register (SCRSR)
• Receive data register (SCRDR)
• Smart card mode register (SCSCMR)
• Serial control 2 register (SCSC2R)
• Guard extension register (SCGRD)
• Wait time register (SCWAIT)
• Sampling register (SCSMPL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com