Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1087 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1087 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1083Page - Renesas Technology Corp SH7721 Datasheet HTML 1084Page - Renesas Technology Corp SH7721 Datasheet HTML 1085Page - Renesas Technology Corp SH7721 Datasheet HTML 1086Page - Renesas Technology Corp SH7721 Datasheet HTML 1087Page - Renesas Technology Corp SH7721 Datasheet HTML 1088Page - Renesas Technology Corp SH7721 Datasheet HTML 1089Page - Renesas Technology Corp SH7721 Datasheet HTML 1090Page - Renesas Technology Corp SH7721 Datasheet HTML 1091Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1087 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1025 of 1458
REJ09B0033-0300
(5)
Pin Connections
An example of pin connections for the smart card interface is shown in figure 30.11.
In communication with the smart card, transmission and reception are performed using a single
data transmit line. The data transmit line should be pulled up by a resistance on the power supply
V
cc side.
When using the clock generated by the smart card interface with the IC card, the SIM_CLK pin
output is input to the CLK pin of the IC card. If an internal clock of the IC card is used, this
connection is not needed.
SIM_D
SIM_CLK
SIM_RST
I/O
CLK
RST
20 k
Ω
Smart card
interface
Note: For details, refer to ISO/IEC7816-3.
Smart card
This LSI
Reset line
Clock line
Data line
Figure 30.11
Example of Pin Connections in Smart Card Interface
Note:
The transmission/reception in loop can perform self-check when the RE and TE bits are
set to 1 without connecting to the IC card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com