Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1084 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1084 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1080Page - Renesas Technology Corp SH7721 Datasheet HTML 1081Page - Renesas Technology Corp SH7721 Datasheet HTML 1082Page - Renesas Technology Corp SH7721 Datasheet HTML 1083Page - Renesas Technology Corp SH7721 Datasheet HTML 1084Page - Renesas Technology Corp SH7721 Datasheet HTML 1085Page - Renesas Technology Corp SH7721 Datasheet HTML 1086Page - Renesas Technology Corp SH7721 Datasheet HTML 1087Page - Renesas Technology Corp SH7721 Datasheet HTML 1088Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1084 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1022 of 1458
REJ09B0033-0300
5. If a normal frame is received, the pin retains its high-impedance state at the timing for
transmission of error signals.
D0 D1 D2 D3 D4 D5 D6 D7 DP
Ds
D0 D1 D2 D3 D4 D5 D6 D7 DP
Ds
D0 D1 D2 D3 D4
Ds
RDRF
DE
PER
(DE)
nth transmit frame
Retransmit frame
(n+1)th transmit frame
(1)
(2)
(4)
(3)
(5)
Figure 30.8
Retransmission when Smart Card Interface is in Receive Mode
(b)
Retransmission when the smart card interface is in transmit mode (T = 0)
Figure 30.9 shows retransmit operations when the smart card interface is in transmit mode. Step
(1) to step (4) of figure 30.9 correspond to the following operation
1. After completion of transmission of one frame, if an error signal is returned from the receive
side, the ERS bit in SCSSR is set to 1. If the RIE bit in SCSCR is set to enable, an ERI request
is issued. The ERS bit in SCSSR should be cleared to 0 before the sampling timing for the next
parity bit.
2. In T = 0 mode, the TEND bit in SCSSR is not set for a frame when an error signal indicating
an error is received.
3. If no error signal is returned from the receive side, the ERS bit in SCSSR is not set.
4. If no error signal is returned from the receive side, it is assumed that transmission of one
frame, including retransmission, is completed, and the TEND bit in SCSSR is set to 1. At this
time, if the TIE bit in SCSCR is set to enable, a TEI interrupt request is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com