Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1082 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1082 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1078Page - Renesas Technology Corp SH7721 Datasheet HTML 1079Page - Renesas Technology Corp SH7721 Datasheet HTML 1080Page - Renesas Technology Corp SH7721 Datasheet HTML 1081Page - Renesas Technology Corp SH7721 Datasheet HTML 1082Page - Renesas Technology Corp SH7721 Datasheet HTML 1083Page - Renesas Technology Corp SH7721 Datasheet HTML 1084Page - Renesas Technology Corp SH7721 Datasheet HTML 1085Page - Renesas Technology Corp SH7721 Datasheet HTML 1086Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1082 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1020 of 1458
REJ09B0033-0300
30.5
Usage Notes
The following matters should be noted when using the smart card interface.
(1)
Receive Data Timing and Receive Margin
When SCSMPL holds its initial value, the smart card interface operates at a basic clock frequency
372 times the transfer rate.
During reception, the smart card interface samples the falling edge of the start bit using the serial
clock for internal synchronization. Receive data is captured internally at the rising edge of the
186th serial clock pulse. This is shown in figure 30.7.
00
185
185
371
0
371
D0
D1
372 clock pulses
186 clock pulses
Basic clock
Received data
Start bit
Synchronization
sampling timing
Data sampling
timing
(RXD)
Figure 30.7
Receive Data Sampling Timing in Smart Card Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com