Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1079 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1079 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1075Page - Renesas Technology Corp SH7721 Datasheet HTML 1076Page - Renesas Technology Corp SH7721 Datasheet HTML 1077Page - Renesas Technology Corp SH7721 Datasheet HTML 1078Page - Renesas Technology Corp SH7721 Datasheet HTML 1079Page - Renesas Technology Corp SH7721 Datasheet HTML 1080Page - Renesas Technology Corp SH7721 Datasheet HTML 1081Page - Renesas Technology Corp SH7721 Datasheet HTML 1082Page - Renesas Technology Corp SH7721 Datasheet HTML 1083Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1079 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1017 of 1458
REJ09B0033-0300
Yes
No
No
Yes
Yes
No
Initialization
Start reception
Are PER, ORER,
and WAIT_ER all 0s?
Error processing
RDRF=1?
Read received data from SCRDR
All data received?
Clear RE bit in SCSCR to 0
Receive end
(1)
(2)
(3)
(4)
(5)
(6)
Figure 30.6
Example of Receive Processing
(4)
Switching Modes
When switching from receive mode to transmit mode, after confirming that reception has been
completed, start initialization, and then clear the RE bit to 0 and set the TE bit to 1. Completion of
reception can be confirmed through the RDRF flag.
When switching from transmit mode to receive mode, after confirming that transmission has been
completed, start initialization, and then clear the TE bit to 0 and set the RE bit to 1. Completion of
transmission can be confirmed through the TDRE and TEND flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com