Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1076 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1076 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1072Page - Renesas Technology Corp SH7721 Datasheet HTML 1073Page - Renesas Technology Corp SH7721 Datasheet HTML 1074Page - Renesas Technology Corp SH7721 Datasheet HTML 1075Page - Renesas Technology Corp SH7721 Datasheet HTML 1076Page - Renesas Technology Corp SH7721 Datasheet HTML 1077Page - Renesas Technology Corp SH7721 Datasheet HTML 1078Page - Renesas Technology Corp SH7721 Datasheet HTML 1079Page - Renesas Technology Corp SH7721 Datasheet HTML 1080Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1076 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1014 of 1458
REJ09B0033-0300
(2)
Serial Data Transmission
Data transmission in smart card mode includes error signal sampling and retransmit processing.
An example of transmit processing is shown in figure 30.5.
Step (1) to step (6) of figure 30.5 correspond to the following operation.
1. Follow the initialization procedure above to initialize the smart card interface.
2. Confirm that the ERS bit (error flag) in SCSSR is cleared to 0.
3. Repeat steps (2) and (3) until it can be confirmed that the TDRE flag in SCSSR is set to 1.
4. Write transmit data to SCTDR, and perform transmission. At this time, the TDRE flag is
automatically cleared to 0. When transmission of the start bit is started, the TEND flag is
automatically cleared to 0, and the TDRE flag is automatically set to 1.
5. When performing continuous data transmission, return to step (2).
6. When transmission is ended, clear the TE bit to 0.
Interrupt processing can be performed in the above series of processing.
When the TIE bit is set to 1 to enable interrupt requests and if transmission is started and the
TDRE flag is set to 1, a transmit data empty interrupt (TXI) request is issued. When the RIE bit is
set to 1 to enable interrupt requests and if an error occurs during transmission and the ERS flag is
set to 1, a transmit/receive error interrupt (ERI) request is issued.
For details, refer to Interrupt Operations in section 30.4.5, Data Transmit/Receive Operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com