Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1073 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1073 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1069Page - Renesas Technology Corp SH7721 Datasheet HTML 1070Page - Renesas Technology Corp SH7721 Datasheet HTML 1071Page - Renesas Technology Corp SH7721 Datasheet HTML 1072Page - Renesas Technology Corp SH7721 Datasheet HTML 1073Page - Renesas Technology Corp SH7721 Datasheet HTML 1074Page - Renesas Technology Corp SH7721 Datasheet HTML 1075Page - Renesas Technology Corp SH7721 Datasheet HTML 1076Page - Renesas Technology Corp SH7721 Datasheet HTML 1077Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1073 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1011 of 1458
REJ09B0033-0300
30.4.4
Clocks
Only the internal clock generated by the on-chip baud rate generator can be used as the
transmit/receive clock in the smart card interface. The bit rate is set using the bit rate register
(SCBRR) and the sampling register (SCSMPL), using the formula indicated below. Examples of
bit rates are listed in table 30.3
Here, when the CKE0 bit is set to 1 and the clock output is selected, a clock signal is output from
the SIM_CLK pin with frequency equal to (SCSMPL + 1) times the bit rate.
B = P
φ × 106/{(S+1) × 2 (N+1)}
where
B = Bit rate (bits/s)
P
φ = Operating frequency of the peripheral module
S = SCSMPL setting (0
≤ S ≤ 2047)
N = SCBRR setting (0
≤ N ≤ 7).
Table 30.3
Example of Bit Rates (bits/s) for SCBRR Settings
(P
φ = 19.8 MHz, SCSMPL = 371)
SCBRR Setting
SCK Frequency (MHz)
Bit Rate (bits/s)
7
1.2375
3327
6
1.414
3802
5
1.65
4435
4
1.98
5323
3
2.475
6653
2
3.3
8871
1
4.95
13306
0
9.9
26613
Note:
The bit rate is a value that is rounded off below the decimal point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com