Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1071 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1071 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1067Page - Renesas Technology Corp SH7721 Datasheet HTML 1068Page - Renesas Technology Corp SH7721 Datasheet HTML 1069Page - Renesas Technology Corp SH7721 Datasheet HTML 1070Page - Renesas Technology Corp SH7721 Datasheet HTML 1071Page - Renesas Technology Corp SH7721 Datasheet HTML 1072Page - Renesas Technology Corp SH7721 Datasheet HTML 1073Page - Renesas Technology Corp SH7721 Datasheet HTML 1074Page - Renesas Technology Corp SH7721 Datasheet HTML 1075Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1071 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1009 of 1458
REJ09B0033-0300
Table 30.2
Register Settings for Smart Card Interface
Bit
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SCSMR
0
0
PE
O/
E
0
0
0
0
SCBRR
0
0
0
0
0
BRR2
BRR1
BRR0
SCSCR
TIE
RIE
TE
RE
WAIT_IE
TEIE
CKE1
CKE0
SCTDR
SCTD7
SCTD6
SCTD5
SCTD4
SCTD3
SCTD2
SCTD1
SCTD0
SCSSR
TDRE
RDRF
ORER
ERS
PER
TEND
WAIT_ER
0
SCRDR
SCRD7 SCRD6
SCRD5
SCRD4 SCRD3
SCRD2
SCRD1
SCRD0
SCSCMR
0
LCB
PB
0
SDIR
SINV
RST
1
SCSC2R
EIO
0
0
0
0
0
0
0
SCWAIT
SCWAIT15 to SCWAIT0
SCGRD
SCGRD7 to SCGRD0
SCSMPL
SCSMPL10 to SCSMPL0, bits 11 to 15 are 0
• Serial mode register (SCSMR) setting
When the IC card is set for the direct convention, the O/
E bit is cleared to 0; for the inverse
convention, it is set to 1.
• Bit rate register (SCBRR) setting
Sets the bit rate. For the method of computing settings, refer to section 30.4.4, Clocks.
• Serial control register (SCSCR) settings
Each interrupt can be enabled and disabled using the TIE, RIE, TEIE, and WAIT_IE bits.
By setting either the TE or RE bit to 1, transmission or reception is selected.
The CKE1 and CKE0 bits are used to select the clock output state. For details, refer to section
30.4.4, Clocks.
• Smart card mode register (SCSCMR) settings
When the IC card is set for the direct convention, both the SDIR and SINV bits are cleared to
0; for the inverse convention, both are set to 1. The SMIF bit is always set to 1.
Figure 30.3 below shows the register settings and waveform examples at the start character for
two types of IC cards (a direct-convention type and an inverse-convention type).
For the direct-convention type, the logical level 1 is assigned to the Z state, and the logical
level 0 to the A state, and transmission and reception are performed in LSB-first. The data of
the above start character is then H'3B. Even parity is used according to the smart card
specification, and so the parity bit is 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com