Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1068 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1068 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1064Page - Renesas Technology Corp SH7721 Datasheet HTML 1065Page - Renesas Technology Corp SH7721 Datasheet HTML 1066Page - Renesas Technology Corp SH7721 Datasheet HTML 1067Page - Renesas Technology Corp SH7721 Datasheet HTML 1068Page - Renesas Technology Corp SH7721 Datasheet HTML 1069Page - Renesas Technology Corp SH7721 Datasheet HTML 1070Page - Renesas Technology Corp SH7721 Datasheet HTML 1071Page - Renesas Technology Corp SH7721 Datasheet HTML 1072Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1068 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1006 of 1458
REJ09B0033-0300
30.4
Operation
30.4.1
Overview
The main functions of the smart card interface are as follows.
• One frame consists of 8-bit data and one parity bit.
• During transmission, a character protection time, set using SCGRD and the LCB and PB bits
in SCSCMR, is inserted between the end of each parity bit and the beginning of the next
frame.
• During reception in T = 0 mode, when a parity error is detected, low level is output for a
duration of 1 etu as an error signal, 10.5 etus after the start bit.
• During transmission in T = 0 mode, if an error signal is sampled, after 2 etus or more have
elapsed, the same data is automatically transmitted.
• Only asynchronous communication functions are supported; there is no clocked synchronous
communication function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com