Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1066 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1066 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1062Page - Renesas Technology Corp SH7721 Datasheet HTML 1063Page - Renesas Technology Corp SH7721 Datasheet HTML 1064Page - Renesas Technology Corp SH7721 Datasheet HTML 1065Page - Renesas Technology Corp SH7721 Datasheet HTML 1066Page - Renesas Technology Corp SH7721 Datasheet HTML 1067Page - Renesas Technology Corp SH7721 Datasheet HTML 1068Page - Renesas Technology Corp SH7721 Datasheet HTML 1069Page - Renesas Technology Corp SH7721 Datasheet HTML 1070Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1066 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1004 of 1458
REJ09B0033-0300
30.3.11
Guard Extension Register (SCGRD)
SCGRD is an 8-bit readable/writable register that sets the time added for character protection.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
SCGRD7
to
SCGRD0
All 0
R/W
Guard Extension
Indicate the time added for character protection after
transmitting a character to the smart card. The interval
between the start of two successive characters is 12 etus
(no addition) when the value of this register is H'00, is 13
etus when the value is H'01, and so on, up to 266 etus for
H'FE. If the value of this register is H'FF, the interval
between the start of two successive characters is 11 etus
in T = 1 mode and is 12 etus in T = 0 mode.
30.3.12
Wait Time Register (SCWAIT)
SCWAIT is a 16-bit readable/writable register. If the interval between the start of two successive
characters exceeds the set value (in etu units), a wait time error is generated.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 0 SCWAIT15
to
SCWAIT0
All 0
R/W
Wait Time Register
• T = 0
In this mode, the operation wait time can be set in this
register. If the interval between the start of characters
to be received and transmitted or received characters
immediately before exceeds the (60
× the value set in
this register) etu, the WAIT_ER flag is set to 1.
However, if SCWAIT is set to H'0000, the WAIT_ER
flag is set after 60 etus.
• T = 1
In this mode, the character wait time can be set in this
register. If the interval between the start of two
successive received characters exceeds the (the
value set in this register) etu, the WAIT_ER flag is set
to 1. However, if SCWAIT is set to H'0000, the
WAIT_ER flag is set after 1 etu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com