Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1062 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1062 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1058Page - Renesas Technology Corp SH7721 Datasheet HTML 1059Page - Renesas Technology Corp SH7721 Datasheet HTML 1060Page - Renesas Technology Corp SH7721 Datasheet HTML 1061Page - Renesas Technology Corp SH7721 Datasheet HTML 1062Page - Renesas Technology Corp SH7721 Datasheet HTML 1063Page - Renesas Technology Corp SH7721 Datasheet HTML 1064Page - Renesas Technology Corp SH7721 Datasheet HTML 1065Page - Renesas Technology Corp SH7721 Datasheet HTML 1066Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1062 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1000 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W Description
1
WAIT_ER
0
R/W Wait Error
Indicates the wait timer error status.
0: Indicates that the interval between the start of two
successive characters has not exceeded the etu set by
SCWAIT.
[Clearing conditions]
• On reset
• When 0 is written to the WAIT_ER flag
1: Indicates that the interval between the start of two
successive characters has exceeded the etu set by
SCWAIT.
[Setting conditions]
• In T = 0 mode, when the interval between the start of a
character to be received and immediately preceding
transmitted or received character exceeds the (value of 60
× SCWAIT: Operation wait time) etu.
• In T = 1 mode, when the interval between the start of two
successive received characters exceeds the (SCWAIT
value: Character protection time) etu.
Notes:
1. Even if the RE bit in SCSCR is cleared to 0, the
WAIT_ER flag is unaffected, and the previous state
is retained.
2. In T = 0 mode, even if the setting condition for the
WAIT_ER flag is satisfied when the RE bit is set to
1, the WAIT_ER flag may not be set to 1. In this
case, the RE bit has been set to 1, then the
WAIT_ER flag is set to 1 after 60
× (SCWAIT + n)
etu (n
≥ 0: depending on the timing for setting the
RE bit to 1) since the last transmission or reception.
3. In T = 0 mode, if the WAIT_ER flag does not need
to be set to 1 after 60
× (SCWAIT + n) etu since the
last transmission or reception, the mode should be
changed from T = 0 to T = 1, and changed to T = 0
again by the PB bit in SCSCMR. In T = 1 mode, if
the WAIT_ER flag does not need to be set to 1 after
(SCWAIT) etu since the last reception, the mode
should be changed from T = 1 to T = 0, and
changed to T = 1 again by the PB bit in SCSCMR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com