Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1058 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1058 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1054Page - Renesas Technology Corp SH7721 Datasheet HTML 1055Page - Renesas Technology Corp SH7721 Datasheet HTML 1056Page - Renesas Technology Corp SH7721 Datasheet HTML 1057Page - Renesas Technology Corp SH7721 Datasheet HTML 1058Page - Renesas Technology Corp SH7721 Datasheet HTML 1059Page - Renesas Technology Corp SH7721 Datasheet HTML 1060Page - Renesas Technology Corp SH7721 Datasheet HTML 1061Page - Renesas Technology Corp SH7721 Datasheet HTML 1062Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1058 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 996 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
6
RDRF
0
R/W
Receive Data Register Full
Indicates that received data is stored in the receive data
register (SCRDR).
0: Indicates that no valid received data is stored in SCRDR
[Clearing conditions]
• On reset
• When data is read from SCRDR
• When 0 is written to RDRF
1: Indicates that valid received data is stored in SCRDR
[Setting condition]
When serial reception is completed normally, and received
data is transferred from SCRSR to SCRDR.
Note: In T = 0 mode, when a parity error is detected during
reception, the SCRDR contents and RDRF flag are
unaffected, and the previous state is retained.
On the other hand, in T = 1 mode, when a parity
error is detected during reception, the received data
is transferred to SCRDR, and the RDRF flag is set to
1.
In both T = 0 and T = 1 modes, even if the RE bit in
the serial control register (SCSCR) is cleared to 0,
the SCRDR contents and RDRF flag are unaffected,
and the previous state is retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com