Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1056 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1056 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1052Page - Renesas Technology Corp SH7721 Datasheet HTML 1053Page - Renesas Technology Corp SH7721 Datasheet HTML 1054Page - Renesas Technology Corp SH7721 Datasheet HTML 1055Page - Renesas Technology Corp SH7721 Datasheet HTML 1056Page - Renesas Technology Corp SH7721 Datasheet HTML 1057Page - Renesas Technology Corp SH7721 Datasheet HTML 1058Page - Renesas Technology Corp SH7721 Datasheet HTML 1059Page - Renesas Technology Corp SH7721 Datasheet HTML 1060Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1056 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 994 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CKE1
CKE0
0
0
R/W
R/W
Clock Enable 1, 0
Select the clock source for the smart card interface, and
enable/disable clock output from the SIM_CLK pin.
00: Fix the output pin at low
01: Clock output as the output pin
10: Fix the output pin at high
11: Clock output as the output pin
30.3.4
Transmit Shift Register (SCTSR)
SCTSR is a shift register that transmits serial data.
The smart card interface transfers transmit data from the transmit data register (SCTDR) to
SCTSR, and then sends the data in order from the LSB or MSB to the SIM_TXD pin to perform
serial data transmission.
When data transmission of one byte is completed, transmit data is automatically transferred from
SCTDR to SCTSR, and transmission is initiated. When the TDRE flag in the serial status register
(SCSSR) is set to 1, no data is transferred from SCTDR to SCTSR.
Direct reading and writing of SCTSR from the CPU or DMAC is not possible.
30.3.5
Transmit Data Register (SCTDR)
SCTDR is an 8-bit readable/writable register that stores data for serial transmission.
When the smart card interface detects a vacancy in the transmit shift register (SCTSR), transmit
data written to SCTDR is transferred to SCTSR, and serial transmission is initiated. During
SCTSR serial data transmission, if the next transmit data is written to SCTDR, continuous serial
transmission is possible.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
SCTD7 to
SCTD0
All 1
R/W
Transmit Data
Store data for serial transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com