Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1063 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1063 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1059Page - Renesas Technology Corp SH7721 Datasheet HTML 1060Page - Renesas Technology Corp SH7721 Datasheet HTML 1061Page - Renesas Technology Corp SH7721 Datasheet HTML 1062Page - Renesas Technology Corp SH7721 Datasheet HTML 1063Page - Renesas Technology Corp SH7721 Datasheet HTML 1064Page - Renesas Technology Corp SH7721 Datasheet HTML 1065Page - Renesas Technology Corp SH7721 Datasheet HTML 1066Page - Renesas Technology Corp SH7721 Datasheet HTML 1067Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1063 / 1524 page
background image
Section 30
SIM Card Module (SIM)
Rev. 3.00 Jan. 18, 2008 Page 1001 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
0
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
30.3.7
Receive Shift Register (SCRSR)
SCRSR is a register that receives serial data.
The smart card interface receives serial data input from the SIM_RXD pin in order, from the LSB
or MSB, and sets it in SCRSR, converting it to parallel data. When reception of one byte of data is
completed, the data is automatically transferred to SCRDR. The CPU or DMAC cannot directly
read from or write to SCRSR.
30.3.8
Receive Data Register (SCRDR)
SCRDR is an 8-bit read-only register that stores received serial data.
When reception of one byte of serial data is completed, the smart card interface transfers the
received serial data from the receive shift register (SCRSR) to SCRDR for storage, and completes
the receive operation. Thereafter, SCRSR can receive data. In this way, SCRSR and SCRDR
constitute a double buffer, enabling continuous reception of data. SCRDR cannot be written to by
the CPU or DMAC.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
SCRD7 to
SCRD0
All 0
R
Receive Data
Store received serial data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com