Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1198 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1198 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1194Page - Renesas Technology Corp SH7721 Datasheet HTML 1195Page - Renesas Technology Corp SH7721 Datasheet HTML 1196Page - Renesas Technology Corp SH7721 Datasheet HTML 1197Page - Renesas Technology Corp SH7721 Datasheet HTML 1198Page - Renesas Technology Corp SH7721 Datasheet HTML 1199Page - Renesas Technology Corp SH7721 Datasheet HTML 1200Page - Renesas Technology Corp SH7721 Datasheet HTML 1201Page - Renesas Technology Corp SH7721 Datasheet HTML 1202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1198 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1136 of 1458
REJ09B0033-0300
Bus cycle: L bus/instruction fetch (after instruction execution)/read (operand size is not
included in the condition)
<Channel B>
Address:
H'00008010, Address mask: H'00000006, ASID = H'70
Data:
H'00000000, Data mask: H'00000000
Bus cycle: L bus/instruction fetch (before instruction execution)/read (operand size is not
included in the condition)
A user break occurs after an instruction with ASID = H'80 and addresses H'00008000 to
H'00008FFE is executed or before an instruction with ASID = H'70 and addresses H'00008010
to H'00008016 are executed.
Break Condition Specified for L Bus Data Access Cycle:
(Example 2-1)
• Register specifications
BARA = H'00123456, BAMRA = H'00000000, BBRA = H'0064, BARB = H'000ABCDE,
BAMRB = H'000000FF, BBRB = H'006A, BDRB = H'0000A512, BDMRB = H'00000000,
BRCR = H'00000080, BASRA = H'80, BASRB = H'70
Specified conditions: Channel A/channel B independent mode
<Channel A>
Address:
H'00123456, Address mask: H'00000000, ASID = H'80
Bus cycle: L bus/data access/read (operand size is not included in the condition)
<Channel B>
Address:
H'000ABCDE, Address mask: H'000000FF, ASID = H'70
Data:
H'0000A512, Data mask: H'00000000
Bus cycle: L bus/data access/write/word
On channel A, a user break occurs with longword read from ASID = H'80 and address
H'00123454, word read from address H'00123456, or byte read from address H'00123456. On
channel B, a user break occurs when word H'A512 is written in ASID = H'70 and addresses
H'000ABC00 to H'000ABCFE.
(Example 2-2)
• Register specifications
BARA = H'01000000, BAMRA = H'00000000, BBRA = H'0066, BARB = H'0000F000,
BAMRB = H'FFFF0000, BBRB = H'036A, BDRB = H'00004567, BDMRB = H'00000000,
BRCR = H'00300080
Specified conditions: Channel A/channel B independent mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com