Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1199 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1199 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1195Page - Renesas Technology Corp SH7721 Datasheet HTML 1196Page - Renesas Technology Corp SH7721 Datasheet HTML 1197Page - Renesas Technology Corp SH7721 Datasheet HTML 1198Page - Renesas Technology Corp SH7721 Datasheet HTML 1199Page - Renesas Technology Corp SH7721 Datasheet HTML 1200Page - Renesas Technology Corp SH7721 Datasheet HTML 1201Page - Renesas Technology Corp SH7721 Datasheet HTML 1202Page - Renesas Technology Corp SH7721 Datasheet HTML 1203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1199 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1137 of 1458
REJ09B0033-0300
<Channel A>
Address:
H'01000000, Address mask: H'00000000
Bus cycle: L bus/data access/read/word
The ASID check is not included.
<Channel B>
Y Address: H'0000F000, Address mask: H'FFFF0000
Data:
H'00004567, Data mask: H'00000000
Bus cycle: Y bus/data access/write/word
The ASID check is not included.
On channel A, a user break occurs during word read from address H'01000000 in the memory
space. On channel B, a user break occurs when word data H'4567 is written in address
H'0000F000 in the Y memory space. The X/Y-memory space is changed by a mode setting.
Break Condition Specified for I Bus Data Access Cycle:
(Example 3-1)
• Register specifications
BARA = H'00314156, BAMRA = H'00000000, BBRA = H'0094, BARB = H'00055555,
BAMRB = H'00000000, BBRB = H'00A9, BDRB = H'00007878, BDMRB = H'00000F0F,
BRCR = H'00000080, BASRA = H'80, BASRB = H'70
Specified conditions: Channel A/channel B independent mode
<Channel A>
Address:
H'00314156, Address mask: H'00000000, ASID = H'80
Bus cycle: I bus/instruction fetch/read (operand size is not included in the condition)
<Channel B>
Address:
H'00055555, Address mask: H'00000000, ASID = H'70
Data:
H'00000078, Data mask: H'0000000F
Bus cycle: I bus/data access/write/byte
On channel A, a user break occurs when instruction fetch is performed for ASID = H'80 and
address H'00314156 in the memory space.
On channel B, a user break occurs when ASID = H'70 and byte data H'7* is written in address
H'00055555 on the I bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com