Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1200 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1200 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1196Page - Renesas Technology Corp SH7721 Datasheet HTML 1197Page - Renesas Technology Corp SH7721 Datasheet HTML 1198Page - Renesas Technology Corp SH7721 Datasheet HTML 1199Page - Renesas Technology Corp SH7721 Datasheet HTML 1200Page - Renesas Technology Corp SH7721 Datasheet HTML 1201Page - Renesas Technology Corp SH7721 Datasheet HTML 1202Page - Renesas Technology Corp SH7721 Datasheet HTML 1203Page - Renesas Technology Corp SH7721 Datasheet HTML 1204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1200 / 1524 page
background image
Section 33 User Break Controller (UBC)
Rev. 3.00 Jan. 18, 2008 Page 1138 of 1458
REJ09B0033-0300
33.4
Usage Notes
1. The CPU can read from or write to the UBC registers via the I bus. Accordingly, during the
period from executing an instruction to rewrite the UBC register till the new value is actually
rewritten, the desired break may not occur. In order to know the timing when the UBC register
is changed, read from the last written register. Instructions after then are valid for the newly
written register value.
2. UBC cannot monitor access to the L bus and I bus in the same channel.
3. Note on specification of sequential break:
A condition match occurs when a B-channel match occurs in a bus cycle after an A-channel
match occurs in another bus cycle in sequential break setting. Therefore, no break occurs even
if a bus cycle, in which an A-channel match and a B-channel match occur simultaneously, is
set.
4. When a user break and another exception occur at the same instruction, which has higher
priority is determined according to the priority levels defined in table 7.1 in section 7,
Exception Handling. If an exception with higher priority occurs, the user break is not
generated.
 Pre-execution break has the highest priority.
 When a post-execution break or data access break occurs simultaneously with a re-
execution-type exception (including pre-execution break) that has higher priority, the re-
execution-type exception is accepted, and the condition match flag is not set (see the
exception in the following note). The break will occur and the condition match flag will be
set only after the exception source of the re-execution-type exception has been cleared by
the exception handling routine and re-execution of the same instruction has ended.
 When a post-execution break or data access break occurs simultaneously with a
completion-type exception (TRAPA) that has higher priority, though a break does not
occur, the condition match flag is set.
5. Note the following exception for the above note.
If a post-execution break or data access break is satisfied by an instruction that generates a
CPU address error (or TLB related exception) by data access, the CPU address error (or TLB
related exception) is given priority to the break. Note that the UBC condition match flag is set
in this case.
6. Note the following when a break occurs in a delay slot.
If a pre-execution break is set at the delay slot instruction of the RTE instruction, the break
does not occur until the branch destination of the RTE instruction.
7. User breaks are disabled during UBC module standby mode. Do not read from or write to the
UBC registers during UBC module standby mode; the values are not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com