Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1203 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1203 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1199Page - Renesas Technology Corp SH7721 Datasheet HTML 1200Page - Renesas Technology Corp SH7721 Datasheet HTML 1201Page - Renesas Technology Corp SH7721 Datasheet HTML 1202Page - Renesas Technology Corp SH7721 Datasheet HTML 1203Page - Renesas Technology Corp SH7721 Datasheet HTML 1204Page - Renesas Technology Corp SH7721 Datasheet HTML 1205Page - Renesas Technology Corp SH7721 Datasheet HTML 1206Page - Renesas Technology Corp SH7721 Datasheet HTML 1207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1203 / 1524 page
background image
Section 34
Pin Function Controller (PFC)
Rev. 3.00 Jan. 18, 2008 Page 1141 of 1458
REJ09B0033-0300
Section 34
Pin Function Controller (PFC)
The pin function controller (PFC) consists of registers to select the functions and I/O directions of
multiplex pins. Pin functions and I/O directions can be individually selected for every pin
regardless of the LSI operating mode. Table 34.1 lists the multiplex pins of this LSI.
Note:
The signals related to the SDHI should be selected only on the models that include it.
Table 34.1
Multiplexed Pins
Port
Port Function (Related Module)
Other Function (Related Module)
A
PTA7 input/output (port)
D23 input/output (BSC)
PTA6 input/output (port)
D22 input/output (BSC)
PTA5 input/output (port)
D21 input/output (BSC)
PTA4 input/output (port)
D20 input/output (BSC)
PTA3 input/output (port)
D19 input/output (BSC)
PTA2 input/output (port)
D18 input/output (BSC)
PTA1 input/output (port)
D17 input/output (BSC)
PTA0 input/output (port)
D16 input/output (BSC)
B
PTB7 input/output (port)
D31 input/output (BSC)
PTB6 input/output (port)
D30 input/output (BSC)
PTB5 input/output (port)
D29 input/output (BSC)
PTB4 input/output (port)
D28 input/output (BSC)
PTB3 input/output (port)
D27 input/output (BSC)
PTB2 input/output (port)
D26 input/output (BSC)
PTB1 input/output (port)
D25 input/output (BSC)
PTB0 input/output (port)
D24 input/output (BSC)
C
PTC7 input/output (port)
LCD_DATA7 output (LCDC)
PTC6 input/output (port)
LCD_DATA6 output (LCDC)
PTC5 input/output (port)
LCD_DATA5 output (LCDC)
PTC4 input/output (port)
LCD_DATA4 output (LCDC)
PTC3 input/output (port)
LCD_DATA3 output (LCDC)
PTC2 input/output (port)
LCD_DATA2 output (LCDC)
PTC1 input/output (port)
LCD_DATA1 output (LCDC)
PTC0 input/output (port)
LCD_DATA0 output (LCDC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com