Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 139Page - Renesas Technology Corp SH7721 Datasheet HTML 140Page - Renesas Technology Corp SH7721 Datasheet HTML 141Page - Renesas Technology Corp SH7721 Datasheet HTML 142Page - Renesas Technology Corp SH7721 Datasheet HTML 143Page - Renesas Technology Corp SH7721 Datasheet HTML 144Page - Renesas Technology Corp SH7721 Datasheet HTML 145Page - Renesas Technology Corp SH7721 Datasheet HTML 146Page - Renesas Technology Corp SH7721 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 1524 page
background image
Section 3 DSP Operating Unit
DSPS301S_010020030200
Rev. 3.00 Jan. 18, 2008 Page 81 of 1458
REJ09B0033-0300
Section 3 DSP Operating Unit
3.1
DSP Extended Functions
This LSI incorporates a DSP unit and X/Y memory directly connected to the DSP unit. This LSI
supports the DSP extended function instruction sets needed to control the DSP unit and X/Y
memory. The DSP extended function instructions are classified into four groups.
(1)
Extended System Control Instructions for the CPU
If the DSP extended function is enabled, the following extended system control instructions can be
used for the CPU.
• Repeat loop control instructions and repeat loop control register access instructions are added.
Looped programs can be executed efficiently by using the zero-overhead repeat control unit.
For details, refer to section 3.3, CPU Extended Instructions.
• Modulo addressing control instructions and control register access instructions are added.
Function allows access to data with a circular structure. For details, refer to section 3.4, DSP
Data Transfer Instructions.
• DSP unit register access instructions are added. Some of the DSP unit registers can be used in
the same way as the CPU system registers. For details, refer to section 3.4, DSP Data Transfer
Instructions.
(2)
Data Transfer Instructions for Data Transfers between DSP Unit and On-Chip X/Y
Memory
Data transfer instructions for data transfers between the DSP unit and on-chip X/Y memory are
called double-data transfer instructions. Instruction codes for these double-transfer instructions are
16 bit codes as well as CPU instruction codes. These data transfer instructions perform data
transfers between the DSP unit and on-chip X/Y memory that is directly connected to the DSP
unit. These data transfer instructions can be described in combination with other DSP unit
operation instructions. For details, refer to section 3.4, DSP Data Transfer Instructions.
(3)
Data Transfer Instructions for Data Transfers between DSP Unit Registers and All
Virtual Address Spaces
Data transfer instructions for data transfers between DSP unit registers and all virtual address
spaces are called single-data transfer instructions. Instruction codes for the double-transfer
instructions are 16 bit codes as well as CPU instruction codes. These data transfer instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com