Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 204Page - Renesas Technology Corp SH7721 Datasheet HTML 205Page - Renesas Technology Corp SH7721 Datasheet HTML 206Page - Renesas Technology Corp SH7721 Datasheet HTML 207Page - Renesas Technology Corp SH7721 Datasheet HTML 208Page - Renesas Technology Corp SH7721 Datasheet HTML 209Page - Renesas Technology Corp SH7721 Datasheet HTML 210Page - Renesas Technology Corp SH7721 Datasheet HTML 211Page - Renesas Technology Corp SH7721 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 146 of 1458
REJ09B0033-0300
3.5.11
Overflow Protection
The S bit in SR is effective for any arithmetic operations executed in the DSP unit, including the
SH’s standard multiply and MAC operations. The S bit in SR is used as the overflow protection
enable bit. The arithmetic operation overflows when the operation result exceeds the range of
two’s complement representation without guard-bit parts. Table 3.31 shows the definition of
overflow protection for fixed-point arithmetic operations, including fixed-point signed by signed
multiplication described in section 3.5.7, Fixed-Point Multiply Operation. Table 3.32 shows the
definition of overflow protection for integer arithmetic operations. The lower word of the
saturation value of the integer arithmetic operation is don’t care. Lower word value cannot be
guaranteed.
When the overflow protection is effective, overflow never occurs. So, the V bit is cleared, and the
DC bit is also cleared when the overflow mode is selected by the CS[2:0] bits.
Table 3.31
Definition of Overflow Protection for Fixed-Point Arithmetic Operations
Sign
Overflow Condition
Fixed Value
Hex Representation
Positive
Result > 1 – 2
–31
1 – 2
–31
H'00 7FFF FFFF
Negative
Result < –1
–1
H'FF 8000 0000
Table 3.32
Definition of Overflow Protection for Integer Arithmetic Operations
Sign
Overflow Condition
Fixed Value
Hex Representation
Positive
Result > 2
15 – 1
2
15 – 1
00 7FFF ****
Negative
Result < –2
15
–2
15
FF 8000 ****
Note:
*
means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com