Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 200Page - Renesas Technology Corp SH7721 Datasheet HTML 201Page - Renesas Technology Corp SH7721 Datasheet HTML 202Page - Renesas Technology Corp SH7721 Datasheet HTML 203Page - Renesas Technology Corp SH7721 Datasheet HTML 204Page - Renesas Technology Corp SH7721 Datasheet HTML 205Page - Renesas Technology Corp SH7721 Datasheet HTML 206Page - Renesas Technology Corp SH7721 Datasheet HTML 207Page - Renesas Technology Corp SH7721 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 142 of 1458
REJ09B0033-0300
The definition of the DC bit is selected by the CS0 to CS2 (condition selection) bits in DSR. The
DC bit result is
(1)
Carry or Borrow Mode: CS[2:0] = B'000
The DC bit is always cleared to 0.
(2)
Negative Value Mode: CS[2:0] = B'001
The DC bit is set when the operation result is a negative value, and cleared to 0 when the
operation result is zero or a positive value.
(3)
Zero Value Mode: CS[2:0] = B'010
The DC bit is set when the operation result is zero; otherwise it is cleared to 0.
(4)
Overflow Mode: CS[2:0] = B'011
The DC bit is always cleared to 0.
(5)
Signed Greater Than Mode: CS[2:0] = B'100
The DC bit is set to 1 when the operation result is a positive value; otherwise it is cleared to 0.
(6)
Signed Greater Than or Equal Mode: CS[2:0] = B'101
The DC bit is set to 1 when the operation result is zero or a positive value; otherwise it is cleared
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com