Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 197Page - Renesas Technology Corp SH7721 Datasheet HTML 198Page - Renesas Technology Corp SH7721 Datasheet HTML 199Page - Renesas Technology Corp SH7721 Datasheet HTML 200Page - Renesas Technology Corp SH7721 Datasheet HTML 201Page - Renesas Technology Corp SH7721 Datasheet HTML 202Page - Renesas Technology Corp SH7721 Datasheet HTML 203Page - Renesas Technology Corp SH7721 Datasheet HTML 204Page - Renesas Technology Corp SH7721 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 139 of 1458
REJ09B0033-0300
The N bit always indicates the same state as the DC bit set in negative value mode by the CS[2:0]
bits. See the negative value mode part above. The Z bit always indicates the same state as the DC
bit set in zero value mode by the CS[2:0] bits. See the zero value mode part above. The V bit
always indicates the same state as the DC bit set in overflow mode by the CS[2:0] bits. See the
overflow mode part above. The GT bit always indicates the same state as the DC bit set in signed
greater than mode by the CS[2:0] bits. See the signed greater than mode part above.
• Overflow Protection
The S bit in SR is also effective for arithmetic shift operation in the DSP unit. See section
3.5.11, Overflow Protection, for details.
(2)
Logical Shift
Figure 3.18 shows the logical shift operation flow.
39
32 31
16 15
0
Sy
39
32 31
16 15
0
Shift out
Shift out
0
0
Cleared to 0
Ignored
Left shift
Right shift
39
32 31
22 21 16
Imm2
50
15
0
Shift amount data
(source 2)
> = 0
< 0
+16 to -16
DSR
GT
Z
N
V
DC
Updated
Figure 3.18 Logical Shift Operation Flow
As shown in figure 3.18, the logical shift operation uses the upper word of the source 1 operand
and the destination operand. The lower word and guard-bit parts are ignored for the source
operand and those of the destination operand are automatically cleared as in the ALU logical
operations. The shift amount is specified by the source 2 operand as an integer data. The source 2
operand can be specified by either the register or immediate operand. The available shift range is
from –16 to +16. Here, a negative value means the right shift, and a positive value means the left
shift. It is possible for any source 2 operand to specify from –32 to +31, but the result is unknown
if an invalid shift value is specified. In case of a shift with an immediate operand instruction, the
source 1 operand must be the same register as the destination’s. These operations are executed in
the DSP stage, as shown in figure 3.10. The DSP stage is the same stage as the MA stage in which
memory access is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com