Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 193Page - Renesas Technology Corp SH7721 Datasheet HTML 194Page - Renesas Technology Corp SH7721 Datasheet HTML 195Page - Renesas Technology Corp SH7721 Datasheet HTML 196Page - Renesas Technology Corp SH7721 Datasheet HTML 197Page - Renesas Technology Corp SH7721 Datasheet HTML 198Page - Renesas Technology Corp SH7721 Datasheet HTML 199Page - Renesas Technology Corp SH7721 Datasheet HTML 200Page - Renesas Technology Corp SH7721 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 135 of 1458
REJ09B0033-0300
3.5.7
Fixed-Point Multiply Operation
Figure 3.16 shows the multiply operation flow. Table 3.25 shows the variation of this type of
operation and table 3.26 shows the correspondence between each operand and registers. The
multiply operation of the DSP unit is single-word signed single-precision multiplication. These
operations are executed in the DSP stage, as shown in figure 3.10. The DSP stage is the same
stage as the MA stage in which memory access is performed.
If a double-precision multiply operation is needed, the CPU standard double-word multiply
instructions can be made of use.
39
31
0
Source 1
S
39
31
1 0
MAC
Ignored
S0
39
31
0
Source 2
S
Destination
0
Figure 3.16 Fixed-Point Multiply Operation Flow
Table 3.25
Variation of Fixed-Point Multiply Operation
Mnemonic
Function
Source 1
Source 2
Destination
PMULS
Signed multiplication
Se
Sf
Dg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com