Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 192Page - Renesas Technology Corp SH7721 Datasheet HTML 193Page - Renesas Technology Corp SH7721 Datasheet HTML 194Page - Renesas Technology Corp SH7721 Datasheet HTML 195Page - Renesas Technology Corp SH7721 Datasheet HTML 196Page - Renesas Technology Corp SH7721 Datasheet HTML 197Page - Renesas Technology Corp SH7721 Datasheet HTML 198Page - Renesas Technology Corp SH7721 Datasheet HTML 199Page - Renesas Technology Corp SH7721 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 134 of 1458
REJ09B0033-0300
Every time an ALU logical operation is executed, the DC, N, Z, V, and GT bits in the DSR
register are basically updated in accordance with the operation result. In case of a conditional
operation, they are not updated even though the specified condition is true and the operation is
executed. In case of an unconditional operation, they are always updated in accordance with the
operation result. The definition of the DC bit is selected by the CS[2:0] (condition selection) bits
in DSR. The DC bit result is:
(1)
Carry or Borrow Mode: CS[2:0] = 000
The DC bit is always cleared.
(2)
Negative Value Mode: CS[2:0] = 001
Bit 31 of the operation result is loaded into the DC bit.
(3)
Zero Value Mode: CS[2:0] = 010
The DC bit is set when the operation result is zero; otherwise it is cleared.
(4)
Overflow Mode: CS[2:0] = 011
The DC bit is always cleared.
(5)
Signed Greater Than Mode: CS[2:0] = 100
The DC bit is always cleared.
(6)
Signed Greater Than or Equal Mode: CS[2:0] = 101
The DC bit is always cleared.
The N bit always indicates the same state as the DC bit set in negative value mode by the CS[2:0]
bits. See the negative value mode part above. The Z bit always indicates the same state as the DC
bit set in zero value mode by the CS[2:0] bits. See the zero value mode part above. The V bit
always indicates the same state as the DC bit set in overflow mode by the CS[2:0] bits. See the
overflow mode part above. The GT bit always indicates the same state as the DC bit set in signed
greater than mode by the CS[2:0] bits. See the signed greater than mode part above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com