Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 190Page - Renesas Technology Corp SH7721 Datasheet HTML 191Page - Renesas Technology Corp SH7721 Datasheet HTML 192Page - Renesas Technology Corp SH7721 Datasheet HTML 193Page - Renesas Technology Corp SH7721 Datasheet HTML 194Page - Renesas Technology Corp SH7721 Datasheet HTML 195Page - Renesas Technology Corp SH7721 Datasheet HTML 196Page - Renesas Technology Corp SH7721 Datasheet HTML 197Page - Renesas Technology Corp SH7721 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 132 of 1458
REJ09B0033-0300
In ALU integer arithmetic operations, the lower word of the source operand is ignored and the
lower word of the destination operand is automatically cleared. The guard-bit parts are effective in
ALU integer arithmetic operations if they are supported. Others are basically the same operation
as ALU fixed-point arithmetic operations. As shown in table 3.23, however, this type of operation
provides two kinds of instructions only, so that the second operand is actually either +1 or –1.
When a word data is loaded into one of the DSP unit’s registers, it is input as an upper word data.
When a register providing guard bits is specified as an operand, the guard bits are also activated.
These operations, as well as fixed-point operations, are executed in the DSP stage, as shown in
figure 3.10. The DSP stage is the same stage as the MA stage in which memory access is
performed.
Every time an ALU arithmetic operation is executed, the DC, N, Z, V, and GT bits in DSR are
basically updated in accordance with the operation result. This is the same as fixed-point
operations but the lower word of each source and destination operand is not used in order to
generate them. See section 3.5.4, ALU Fixed-Point Arithmetic Operations, for details.
In case of a conditional operation, they are not updated even though the specified condition is true
and the operation is executed. In case of an unconditional operation, they are always updated in
accordance with the operation result. See section 3.5.4, ALU Fixed-Point Arithmetic Operations,
for details.
• Overflow Protection
The S bit in SR is effective for any ALU integer arithmetic operations in DSP unit. See section
3.5.11, Overflow Protection, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com