Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 188Page - Renesas Technology Corp SH7721 Datasheet HTML 189Page - Renesas Technology Corp SH7721 Datasheet HTML 190Page - Renesas Technology Corp SH7721 Datasheet HTML 191Page - Renesas Technology Corp SH7721 Datasheet HTML 192Page - Renesas Technology Corp SH7721 Datasheet HTML 193Page - Renesas Technology Corp SH7721 Datasheet HTML 194Page - Renesas Technology Corp SH7721 Datasheet HTML 195Page - Renesas Technology Corp SH7721 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 130 of 1458
REJ09B0033-0300
(5)
Signed Greater Than Mode: CS[2:0] = B'100
The DC bit indicates whether or not the source 1 data (signed) is greater than the source 2 data
(signed) as the result of compare operation PCMP. The PCMP operation should be executed
before executing the conditional operation under this condition mode. This mode is similar to the
Negative Value Mode described before, because the result of a compare operation is a positive
value if the source 1 data is greater than the source 2 data. However, the signed bit of the result
shows a negative value if the compare operation yields a result beyond the range of the destination
operand, including the guard-bit parts (called “Over-range”), even though the source 1 data is
greater than the source 2 data. The DC bit is updated concerning this type of special case in this
condition mode. The equation below shows the definition of getting this condition:
DC = ~ {(Negative ^ Over-range) | Zero}
When the PCMP operation is executed under this condition mode, the result of the DC bit is the
same as the T bit’s result of the CMP/GT operation of the CPU instruction.
(6)
Signed Greater Than or Equal Mode: CS[2:0] = B'101
The DC bit indicates whether the source 1 data (signed) is greater than or equal to the source 2
data (signed) as the result of compare operation PCMP. This mode is similar to the Signed Greater
Than Mode described before but the equal case is also included in this mode. The equation below
shows the definition of getting this condition:
DC = ~ (Negative ^ Over-range)
When the PCMP operation is executed under this condition mode, the result of the DC bit is the
same as the T bit’s result of a CMP/GE operation of the CPU instruction.
The N bit always indicates the same state as the DC bit set in negative value mode by the CS[2:0]
bits. See the negative value mode part above. The Z bit always indicates the same state as the DC
bit set in zero value mode by the CS[2:0] bits. See the zero value mode part above. The V bit
always indicates the same state as the DC bit set in overflow mode by the CS[2:0] bits. See the
overflow mode part above. The GT bit always indicates the same state as the DC bit set in signed
greater than mode by the CS[2:0] bits. See the signed greater than mode part above.
Note:
The DC bit is always updated as the carry flag for ‘PADDC’ and is always updated as the
carry/borrow flag for ‘PSUBC’ regardless of the CS[2:0] state.
• Overflow Protection
The S bit in SR is effective for any ALU fixed-point arithmetic operations in the DSP unit. See
section 3.5.11, Overflow Protection, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com