Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 191Page - Renesas Technology Corp SH7721 Datasheet HTML 192Page - Renesas Technology Corp SH7721 Datasheet HTML 193Page - Renesas Technology Corp SH7721 Datasheet HTML 194Page - Renesas Technology Corp SH7721 Datasheet HTML 195Page - Renesas Technology Corp SH7721 Datasheet HTML 196Page - Renesas Technology Corp SH7721 Datasheet HTML 197Page - Renesas Technology Corp SH7721 Datasheet HTML 198Page - Renesas Technology Corp SH7721 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 133 of 1458
REJ09B0033-0300
3.5.6
ALU Logical Operations
Figure 3.15 shows the ALU logical operation flow. Table 3.24 shows the variation of this type of
operation. The correspondence between each operand and registers is the same as the ALU fixed-
point operations as shown in table 3.21.
As shown in figure 3.15, this type of operation uses only the upper word of each operand. The
lower word and guard-bit parts are ignored for the source operand and those of the destination
operand are automatically cleared. These operations are also executed in the DSP stage, as shown
in figure 3.10. The DSP stage is the same stage as the MA stage in which memory access is
performed.
31
31
31
39
39
39
Ignored
Cleared to 0
0
Source 1
0
Destination
ALU
DSR
0
Source 2
GT
Z
N
V DC
Figure 3.15 ALU Logical Operation Flow
Table 3.24
Variation of ALU Logical Operations
Mnemonic
Function
Source 1
Source 2
Destination
PAND
Logical AND
Sx
Sy
Dz
POR
Logical OR
Sx
Sy
Dz
PXOR
Logical exclusive OR
Sx
Sy
Dz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com