Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 199Page - Renesas Technology Corp SH7721 Datasheet HTML 200Page - Renesas Technology Corp SH7721 Datasheet HTML 201Page - Renesas Technology Corp SH7721 Datasheet HTML 202Page - Renesas Technology Corp SH7721 Datasheet HTML 203Page - Renesas Technology Corp SH7721 Datasheet HTML 204Page - Renesas Technology Corp SH7721 Datasheet HTML 205Page - Renesas Technology Corp SH7721 Datasheet HTML 206Page - Renesas Technology Corp SH7721 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 141 of 1458
REJ09B0033-0300
3.5.9
Most Significant Bit Detection Operation
The PDMSB, most significant bit detection operation, is used to calculate the shift amount for
normalization. Figure 3.19 shows the PDMSB operation flow and table 3.28 shows the operation
definition. Table 3.29 shows the possible variations of this type of operation. The correspondence
between each operand and registers is the same as for ALU fixed-point operations, as shown in
table 3.21.
Note:
The result of the MSB detection operation is basically 24 bits as well as ALU integer
operation, the upper 16 bits of the base precision and eight bits of the guard-bit parts.
When a register not providing the guard-bit parts is specified as a destination operand, the
upper word of the operation result is input into the destination register.
As shown in figure 3.19, the PDMSB operation uses all bits as a source operand, but the
destination operand is treated as an integer operation result because shift amount data for
normalization should be integer data as described in section 3.5.8, Shift Operations. These
operations are executed in the DSP stage, as shown in figure 3.10. The DSP stage is the same
stage as the MA stage in which memory access is performed.
Every time a PDMSB operation is executed, the DC, N, Z, V, and GT bits in DSR are basically
updated in accordance with the operation result. In case of a conditional operation, they are not
updated, even though the specified condition is true, and the operation is executed. In case of an
unconditional operation, they are always updated with the operation result.
39
31
39
31
0
0
Cleared to 0
Priority encoder
Source 1 or 2
DSR
GT
Z
N
V
DC
Guard
Guard
Figure 3.19 PDMSB Operation Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com