Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 202Page - Renesas Technology Corp SH7721 Datasheet HTML 203Page - Renesas Technology Corp SH7721 Datasheet HTML 204Page - Renesas Technology Corp SH7721 Datasheet HTML 205Page - Renesas Technology Corp SH7721 Datasheet HTML 206Page - Renesas Technology Corp SH7721 Datasheet HTML 207Page - Renesas Technology Corp SH7721 Datasheet HTML 208Page - Renesas Technology Corp SH7721 Datasheet HTML 209Page - Renesas Technology Corp SH7721 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 1524 page
background image
Section 3 DSP Operating Unit
Rev. 3.00 Jan. 18, 2008 Page 144 of 1458
REJ09B0033-0300
Table 3.29
Variation of PDMSB Operation
Mnemonic
Function
Source
Source 2
Destination
PDMSB
MSB detection
Sx
Dz
Sy
Dz
The N bit always indicates the same state as the DC bit set in negative value mode by the CS[2:0]
bits. See the negative value mode part above. The Z bit always indicates the same state as the DC
bit set in zero value mode by the CS[2:0] bits. See the zero value mode part above. The V bit is
always cleared. The GT bit always indicates the same state as the DC bit set in signed greater than
mode by the CS[2:0] bits. See the signed greater than mode part above.
3.5.10
Rounding Operation
The DSP unit provides the function that rounds from 32 bits to 16 bits. In case of providing guard-
bit parts, it rounds from 40 bits to 24 bits. When a round instruction is executed, H'00008000 is
added to the source operand data and then, the lower word is cleared. Figure 3.20 shows the
rounding operation flow and figure 3.21 shows the operation definition. Table 3.30 shows the
variation of this type of operation. The correspondence between each operand and registers is the
same as ALU fixed-point operations as shown in table 3.21.
As shown in figure 3.21, the rounding operation uses full-size data for both source and destination
operands. These operations are executed in the DSP stage as shown in figure 3.10. The DSP stage
is the same stage as the MA stage in which memory access is performed.
The rounding operation is always executed unconditionally, so that the DC, N, Z, V, and GT bits
in DSR are always updated in accordance with the operation result. The definition of the DC bit is
selected by the CS0 to CS2 (condition selection) bits in DSR. The result of these condition code
bits is the same as the ALU-fixed point arithmetic operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com