Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 337Page - Renesas Technology Corp 7477 Datasheet HTML 338Page - Renesas Technology Corp 7477 Datasheet HTML 339Page - Renesas Technology Corp 7477 Datasheet HTML 340Page - Renesas Technology Corp 7477 Datasheet HTML 341Page - Renesas Technology Corp 7477 Datasheet HTML 342Page - Renesas Technology Corp 7477 Datasheet HTML 343Page - Renesas Technology Corp 7477 Datasheet HTML 344Page - Renesas Technology Corp 7477 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 354 page
background image
3-47
7470/7471/7477/7478 GROUP USER’S MANUAL
APPENDIX
3.4 Mark specification form
32P2W-A (32-PIN SOP) MARK SPECIFICATION FORM
Mitsubishi IC catalog name
Please choose one of the marking types below (A, B, C), and enter the Mitsubishi catalog name and the special mark (if needed).
A. Standard Mitsubishi Mark
Mitsubishi lot number
(6-digit or 7-digit)
#2
q
!7
!6
C. Special Mark Required
B. Customer’s Parts Number + Mitsubishi catalog name
Mitsubishi IC catalog name
Mitsubishi IC catalog name
Mitsubishi lot number
(6-digit or 7-digit)
#2
q
!7
!6
#2
q
!7
!6
3 : The standard Mitsubishi font is used for all characters
except for a logo.
Note1 : If the Special Mark is to be Printed, indicate the desired
layout of the mark in the left figure. The layout will be
duplicated as close as possible.
Mitsubishi lot number (6-digit or 7-digit) and Mask ROM
number (3-digit) are always marked.
2 : If the customer’s trade mark logo must be used in the
Special Mark, check the box below.
Please submit a clean original of the logo.
For the new special character fonts a clean font original
(ideally logo drawing) must be submitted.
Special logo required
Customer’s Parts Number
Note
: The fonts and size of characters are standard Mitsubishi
type.
Mitsubishi IC catalog name
Note1 : The mark field should be written right aligned.
2 : The fonts and size of characters are standard Mitsubishi
type.
3 : Customer’s Parts Number can be up to 13 characters :
Only 0 ~ 9, A ~ Z, +, –, /, (, ), &,
©,
. (periods),, (com-
mas) are usable.
4 : If the Mitsubishi logo
is not required, check the box
below.
Mitsubishi logo is not required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com