Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 342 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 342 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 338Page - Renesas Technology Corp 7477 Datasheet HTML 339Page - Renesas Technology Corp 7477 Datasheet HTML 340Page - Renesas Technology Corp 7477 Datasheet HTML 341Page - Renesas Technology Corp 7477 Datasheet HTML 342Page - Renesas Technology Corp 7477 Datasheet HTML 343Page - Renesas Technology Corp 7477 Datasheet HTML 344Page - Renesas Technology Corp 7477 Datasheet HTML 345Page - Renesas Technology Corp 7477 Datasheet HTML 346Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 354 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
3-48
APPENDIX
3.4 Mark specification form
$2
q
@2
@1
$2
q
@2
@1
Mitsubishi lot number
(6-digit or 7-digit)
Mitsubishi lot number
(6-digit or 7-digit)
$2
q
@2
@1
42P4B (42-PIN SHRINK DIP) MARK SPECIFICATION FORM
Mitsubishi IC catalog name
Please choose one of the marking types below (A, B, C), and enter the Mitsubishi IC catalog name and the special mark (if needed).
A. Standard Mitsubishi Mark
Note1 : If the Special Mark is to be Printed, indicate the desired layout of the mark in the upper figure. The layout will be duplicated as
close as possible. Mitsubishi lot number (6-digit or 7-digit) and Mask ROM number (3-digit) are always marked.
2 : If the customer’s trade mark logo must be used in the Special Mark, check the
box on the right. Please submit a clean original of the logo. For the new special
character fonts a clean font original (ideally logo drawing) must be submitted.
3 : The standard Mitsubishi font is used for all characters except for a logo.
Special logo required
Mitsubishi IC catalog name
C. Special Mark Required
B. Customer’s Parts Number + Mitsubishi catalog name
Customer’s Parts Number
Note : The fonts and size of characters
are standard Mitsubishi type.
Mitsubishi IC catalog name
Note1 : The mark field should be written right aligned.
2 : The fonts and size of characters are standard Mitsubishi type.
3 : Customer’s Parts Number can be up to 15 characters : Only 0 ~ 9, A ~ Z, +, –, /, (, ), &,
©,
. (periods), and , (commas) are usable.
4 : If the Mitsubishi logo
is not required, check the box on the right.
Mitsubishi logo is not required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com