Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 176Page - Renesas Technology Corp 7477 Datasheet HTML 177Page - Renesas Technology Corp 7477 Datasheet HTML 178Page - Renesas Technology Corp 7477 Datasheet HTML 179Page - Renesas Technology Corp 7477 Datasheet HTML 180Page - Renesas Technology Corp 7477 Datasheet HTML 181Page - Renesas Technology Corp 7477 Datasheet HTML 182Page - Renesas Technology Corp 7477 Datasheet HTML 183Page - Renesas Technology Corp 7477 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 354 page
background image
1-163
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.17 Low-power dissipation function
Fig. 1.17.3 oscillation stabilizing wait time at recovery from stop mode by reset input
(2) Releasion of stop mode
The stop mode is released by inputting a reset signal or generating an interrupt request. There is a
difference in restore processing from the stop mode between the use of reset input and the use of
interrupt.
2
2
2
2
2 Recovery by reset input
____________________
The microcomputer is reset by applying the "L" level to the RESET pin for 2
s or more in the stop
mode, thereby releasing the stop mode.
After the stop mode is released, oscillator starts. (At this time, the inside is in the reset state.)
The reset state is released after 32768 counts of the X IN pin input after the “H” level is applied to
the RESET pin.
At a start of oscillation of the oscillator, the oscillation is unstable. It takes time before stabilization
of oscillation (oscillation stabilizing time). The oscillation stabilizing wait time is secured by the time
for holding this internal reset state.
For the details of the reset, Refer to “1.15 Reset.”
Note: When the stop mode is released, the contents of the RAM before reset are held. However,
the contents of the CPU register and the SFR cannot be held but are reset.
Figure 1.17.3 shows the oscillation stabilizing wait time at recovery from stop mode by reset input.
RESET
XIN
VCC
Execute STP instruction
Recovered by reset input
Stop mode
2
µs or more
(Note)
Note: No waveform may be input to X
(in low-speed mode).
Undefined
XIN: in high-impedance state
XOUT: “H”
IN
Oscillation stabilizing wait time : 32768 counts of X IN pin input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com