Electronic Components Datasheet Search
  English  ▼

X  

7477 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # 7477
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 180Page - Renesas Technology Corp 7477 Datasheet HTML 181Page - Renesas Technology Corp 7477 Datasheet HTML 182Page - Renesas Technology Corp 7477 Datasheet HTML 183Page - Renesas Technology Corp 7477 Datasheet HTML 184Page - Renesas Technology Corp 7477 Datasheet HTML 185Page - Renesas Technology Corp 7477 Datasheet HTML 186Page - Renesas Technology Corp 7477 Datasheet HTML 187Page - Renesas Technology Corp 7477 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 354 page
background image
1-167
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.17 Low-power dissipation function
(2) Releasion of wait mode
The wait mode is released by inputting a reset signal or generating an interrupt request. There is a
difference in restore processing from the wait mode between the use of reset input and the use of
interrupt.
s Recovery by reset input
________________
The microcomputer is reset by applying the “L” level to the RESET pin for 2
s or more in the wait
mode, thereby releasing the wait mode.
After the wait mode is released by inputting the reset signal, the supply of internal clock
φ to the
CPU is started.
The reset state is released after 32768 counts of the XIN pin input signal after the “H” level is
________________
applied to the RESET pin.
For the details of the reset, refer to “1.15 Reset.”
Note: When the wait mode is released, the contents of the RAM before reset are held. However,
the contents of the CPU register and the SFR cannot be held but are reset.
Figure 1.17.5 shows the reset input time.
Fig. 1.17.5 Reset input time
RESET
XIN
VCC
Execute WIT instruction
Recovered by reset input
Wait mode
2
µs or more
(Note)
Note: No waveform may be input to X
(in low-speed mode).
IN
Oscillation stabilizing wait time : 32768 counts of XIN pin input signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com